Part Number Hot Search : 
GC1501 SR205 331M10 BFC505 36ACP 2SK24F EB13C5 84063261
Product Description
Full Text Search
 

To Download SRF10100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SRF1020 - SRF10150
www..com
Isolated 10.0 AMPS. Schottky Barrier Rectifiers ITO-220AB
Features
For surface mounted application Low power loss, high efficiency High current capability, low VF High reliability Epitaxial construction Guard-ring for transient protection
Mechanical Data
Cases: ITO-220AB molded plastic Epoxy: UL 94V-0 rate flame retardant Terminals: Pure tin plated, Leads solderable per MIL- STD-202, Method 208 guaranteed Polarity: As marked High temperature soldering guaranteed: o 260 C/10 seconds .25",(6.35mm) from case. Weight: 2.24 grams Mounting torque: 5 in - 1bs. max.
o
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol SRF SRF SRF SRF Type Number
1020 1030 1040 SRF 1060 SRF 1090 SRF SRF 10100 10150
1050
Units V V V A A
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 1 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method )
Maximum Instantaneous Forward Voltage
VRRM VRMS VDC I(AV) IFSM VF IR Cj RJC TJ TSTG
20 14 20
30 21 30
40 28 40
50 35 50 10
60 42 60
100 70 100
100 70 100
150 105 150
120 0.55 0.5 15 3.5 -65 to +125 10 300 0.70 0.90 0.1 5.0 4.0 -65 to +150 1.00
@5.0A
Maximum D.C. Reverse Current at Rated DC Blocking Voltage @ Tc=25 C o @ Tc=100 C
o
V mA mA pF o C/W o C o C
Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 1) Operating Junction Temperature Range
Storage Temperature Range -65 to +150 Notes: 1. Mounted on Heatsink Size of 2" x 3" x 0.25" Al-Plate. 2. Measured at 1MHz and Applied Reverse Voltage of 4.0V D.C.
- 118 -
Version: B07
www..com
RATINGS AND CHARACTERISTIC CURVES (SRF1020 THRU SRF10150)
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER LEG
300
FIG.1- FORWARD CURRENT DERATING CURVE
12.5
PEAK FORWARD SURGE CURRENT. (A)
AVERAGE FORWARD CURRENT. (A)
10
SR F10
250 200 150 100
7.5
50-
SR F10 20-
101 50
5
104 0
2.5
50 0
0 0 50 100 o CASE TEMPERATURE. ( C) 150
1
2
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz
50
FIG.3- TYPICAL FORWARD CHARACTERISTICS PER LEG
10
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER LEG
Tj=100 0C
IF-INSTANTANEOUS FORWARD CURRENT. (A)
10
SR
0 F1
20
-1
INSTANTANEOUS REVERSE CURRENT. (mA)
04
0
1.0
5 3
SR
F
5 10
0-
10
60
SR
F1
09
1 0-
01
00
Tj=25 0C .10
F SR
10
15
0
.01
1
0.5
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
.001
0
FORWARD VOLTAGE. (V)
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
4000
2000
JUNCTION CAPACITANCE.(pF)
Tj=25 0C f=1.0MHz Vsig=50mVp-p
TRANSIENT THERMAL IMPEDANCE. ( OC/W)
100
FIG.6- TYPICAL TRANSIENT THERMAL IMPEDANCE PER LEG
1000 800 600 400
10
1
200
100
.1
.4
1.0
4
10
40
80 100
0.1
REVERSE VOLTAGE. (V)
0.01
0.1
1 T, PULSE DURATION. (sec)
10
100
Version: B07


▲Up To Search▲   

 
Price & Availability of SRF10100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X